Part Number Hot Search : 
C2535A TLGC191P TC11CP 2E221 RF203 2E221 T2802B CRO2330A
Product Description
Full Text Search
 

To Download TIP105 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Darlington Power Transistor
TIP105
DESCRIPTION *High DC Current Gain: hFE = 1000(Min)@ IC= -3A *Collector-Emitter Sustaining Voltage: VCEO(SUS) = -60V(Min) *Low Collector-Emitter Saturation Voltage: VCE(sat) = -2.0V(Max)@ IC= -3A = -2.5V(Max)@ IC= -8A *Complement to Type TIP100 APPLICATIONS *Designed for general-purpose amplifier and low-speed switching applications ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL VCBO VCEO VEBO IC ICM IB
B
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current-Continuous Collector Current-Peak Base Current- Continuous Collector Power Dissipation @TC=25 Collector Power Dissipation @Ta=25 Junction Temperature Storage Temperature Range
VALUE -60 -60 -5 -8 -15 -1 80
UNIT V V V A A A
PC
W 2 150 -65~150
Tj Tstg
THERMAL CHARACTERISTICS
SYMBOL Rth j-c Rth j-a PARAMETER Thermal Resistance,Junction to Case Thermal Resistance,Junction to Ambient MAX 1.56 62.5 UNIT /W /W
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Darlington Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN
TIP105
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= -30mA, IB= 0
-60
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= -3A ,IB= -6mA
-2.0
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= -8A ,IB= -80mA
-2.5
V
VBE(on) ICBO
Base-Emitter On Voltage
IC= -8A ; VCE= -4V
-2.8
V A
Collector Cutoff Current
VCB= -60V, IE=0
-50
ICEO
Collector Cutoff Current
VCE= -30V, IB=0
-50
A
IEBO
Emitter Cutoff Current
VEB= -5V; IC=0
-2
mA
hFE-1
DC Current Gain
IC= -3A ; VCE= -4V
1000
20000
hFE-2
DC Current Gain
IC= -8A ; VCE= -4V
200
COB
Output Capacitance
IE= 0 ; VCB= -10V,f= 0.1MHz
300
pF
isc Websitewww.iscsemi.cn


▲Up To Search▲   

 
Price & Availability of TIP105

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X